PART |
Description |
Maker |
SRCOLOKIT42U |
Colocation Kit for 42U Rack Enclosures
|
Tripp Lite. All Rights ...
|
SRSHELFKBD |
SmartRack 1U Rack-Mount Keyboard with KVM Cable Kit
|
Tripp Lite. All Rights ...
|
SR42UWEXPNDNR3 |
42U SmartRack 4-Post White Premium Open Frame
|
Tripp Lite. All Rights ...
|
25AA640T-I/SN 25AA640-I/ST 25AA640-I/P 25LC640X-E/ |
Evaluation Kit for the MAX1715 Evaluation Kit for the MAX1879 Evaluation Kit for the MAX1864 3µs, 12-Bit ADC Evaluation Kit for the MAX1717 Notebook CPU Step-Down Controller for Intel Mobile Voltage Positioning (IMVP-II) SPI串行EEPROM
|
Luxo, Corp.
|
5962-8757902XC 5962-8757901YX 5962-8757901XX 5962- |
Evaluation Kit for the MAX9713 500mW, Low EMI, Filterless, Class D Audio Amplifier Evaluation Kit for the MAX9710 Evaluation Kit for the MAX9716 Low-Cost, Mono/Stereo, 1.4W Differential Audio Power Amplifiers Evaluation Kit for the MAX9715 Evaluation Kit for the MAX9704, MAX9714 Evaluation Kit/Evaluation System for the MAX9851 Transceiver 收发 Low-Cost, Mono, 1.4W BTL Audio Power Amplifiers 收发
|
Air Cost Control Vishay Intertechnology, Inc.
|
DL1-156PW6 DL1-156PW6A DL1-156RW4B DL1-156RW6 DL1- |
156 CONTACT(S), HERMAPHRODITIC, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 156 CONTACT(S), MALE, MULTIWAY RACK AND PANEL CONN, SOLDER, PLUG 156 CONTACT(S), FEMALE, MULTIWAY RACK AND PANEL CONN, WIRE WRAP, RECEPTACLE 156 CONTACT(S), HERMAPHRODITIC, MULTIWAY RACK AND PANEL CONN, SOLDER, RECEPTACLE
|
ITT CANNON
|
P200-600-1-C-11Q2-P-11Q2-P-P P200-600-1-C-11Q2-P-1 |
96 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 96 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 92 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 92 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 66 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 66 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 16 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 16 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 66 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 200 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP 200 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 200 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 102 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 44 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, SOLDER 170 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 2 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, SOLDER 170 CONTACT(S), FEMALE-FEMALE, MULTIWAY RACK AND PANEL CONN, CRIMP 120 CONTACT(S), MALE-MALE, MULTIWAY RACK AND PANEL CONN, CRIMP
|
Sabritec, Corp.
|
NBX-10915 NBX-10970 |
LOCKING HASP KIT, INTERNAL PANEL HINGED BRACKET KIT
|
Bud Industries, Inc. http://
|
M38503M14H-700FP M38503M4-254FP M38503M2-403FP M38 |
NO-NIK KIT SCA-NN175-KIT SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机
|
Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
27C256/BXA-25 27C256/BUA-25 27C256/BXA-20 27C256/B |
2.5Gbps, Low-Power, 3.3V Clock Recovery and Data Retiming IC Evaluation Kit for the MAX3873 Evaluation Kit for the MAX3872, MAX3874 Low-Power, Compact 2.5Gbps/2.7Gbps Clock-Recovery and Data-Retiming IC Evaluation Kit for the MAX3980, MAX3981 Evaluation Kit for the MAX3982 x8存储 Quad Copper-Cable Signal Conditioner
|
NXP Semiconductors N.V.
|
FQA10N80 |
CAPACITOR KIT, AUTOMOTIVE, AECQ 200; Kit contents:24 Values RoHS Compliant: Yes 800V N-Channel MOSFET
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
CSC-11242 CSC-11244 CSC-11246 CSC-11248 CSA-11266 |
SUPPORT ANGLE KIT, CHASSIS KIT
|
Bud Industries, Inc.
|
|